PART |
Description |
Maker |
QRS0660T30 |
Fast Recovery Diode Module (600 Amp/600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
0805B201M601YHT 0805B122M601YHT 0805B121M601YHT 08 |
CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0002 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0012 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.00012 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0015 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0011 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0013 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.002 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0016 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.001 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.00016 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.00018 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.00013 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.00015 uF, SURFACE MOUNT, 0805 CHIP CAPACITOR, CERAMIC, MULTILAYER, 600 V, X7R, 0.0018 uF, SURFACE MOUNT, 0805 CHIP
|
Novacap
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
CM600HA-12H |
Single IGBTMOD 600 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
J60030-2P J60030-3S J60030-1PR J60030-2PR J60030-2 |
Class J Fuseblocks 600 Volt, ú 600 Amps Class J Fuseblocks 600 Volt, ú-600 Amps Fuse 0.5 TO 30A 600V CLASS J
|
Cooper Bussmann, Inc.
|
DO-214AA SMB/DO-214AA SMBJ58CA |
600 Watt Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressors 600瓦瞬态电压抑制器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
CM600HU-12F |
Trench Gate Design Single IGBTMOD 600 Amperes/600 Volts Trench Gate Design Single IGBTMOD⑩ 600 Amperes/600 Volts
|
POWEREX[Powerex Power Semiconductors]
|
NDL5531P NDL5531P1C NDL5531P1D NDL5531P2C NDL5531P |
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE 1 000 600 nm的光纤通信30毫米的铟镓砷雪崩光电二极管模
|
NEC, Corp. NEC[NEC]
|
HER406G HER406 |
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER (VOLTAGE 600 Volts CURRENT 4.0 Ampere) 4 A, 600 V, SILICON, RECTIFIER DIODE, DO-201AD
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
|